Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download BYM10-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
Surface Mount Glass Passivated Junction Rectifier
FEATURES * Superectifier structure for high reliability condition * Patented glass-plastic encapsulation technique * Ideal for automated placement * Low forward voltage drop * Low leakage current * High forward surge capability * Meets environmental standard MIL-S-19500 * Meets MSL level 1, per J-STD-020, LF maximum peak of 250 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. MECHANICAL DATA Case: DO-213AB, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating
(R)
d* ente Pat
*Glass-plastic encapsulation is covered by Patent No. 3,996,602, brazed-lead assembly to Patent No. 3,930,306
DO-213AB
PRIMARY CHARACTERISTICS
IF(AV) VRRM BYM-50-1000 GL41A-Y IFSM IR EAS VF TJ max. 1.0 A 50 V to 1000 V 50 V to 1600 V 30 A 10 A 5 mJ 1.1 V, 1.2 V 175 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER SYMBOL STANDARD RECOVERY DEVICE: 1ST BAND IS WHITE Polarity color bands (2nd band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (Fig. 1) VRRM VRMS VDC IF(AV) GL41A Gray 50 35 50 GL41B Red 100 70 100 GL41D Orange 200 140 200 GL41G Yellow 400 280 400 GL41J Green 600 420 600 1.0 GL41K Blue 800 560 800 GL41M Violet 1000 700 1000 GL41T White 1300 910 1300 GL41Y Brown 1600 1120 1600 V V V A BYM 10-50 BYM 10-100 BYM 10-200 BYM 10-400 BYM 10-600 BYM 10-800 BYM 10-1000 UNIT
Document Number: 88546 Revision: 07-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER SYMBOL STANDARD RECOVERY DEVICE: 1ST BAND IS WHITE Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Maximum full load reverse current full cycle average at TA = 75 C Non-repetitive peak reverse avalanche energy at TJ = 25 C, IAS = 1 A, L = 10 mH Operating junction and storage temperature range IFSM GL41A GL41B GL41D GL41G GL41J GL41K GL41M GL41T GL41Y BYM 10-50 BYM 10-100 BYM 10-200 BYM 10-400 BYM 10-600 BYM 10-800 BYM 10-1000 UNIT
30
A
IR(AV)
30
A
EAS
5
-
A
TJ, TSTG
- 65 to + 175
C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS SYMBOL BYM 10-50 GL41A Maximum instantaneous forward voltage Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance 1.0 A VF BYM 10-100 GL41B BYM 10-200 GL41D 1.1 BYM 10-400 GL41G BYM 10-600 GL41J BYM 10-800 GL41K BYM 10-1000 GL41M GL41T GL41Y V UNIT
1.2
TA = 25 C TA = 125 C
IR
10 50
A
4.0 V, 1 MHz
CJ
8.0
pF
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER SYMBOL BYM 10-50 GL41A Typical thermal resistance Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal (2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal RJA RJT BYM 10-100 GL41B BYM 10-200 GL41D BYM 10-400 GL41G BYM 10-600 GL41J 75 (1) 30 (2) BYM 10-800 GL41K BYM 10GL41M GL41T GL41Y C/W UNIT
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88546 Revision: 07-Apr-08
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
ORDERING INFORMATION (Example)
PREFERRED P/N BYM10-600-E3/96 BYM10-600-E3/97 GL41J-E3/96 GL41J-E3/97 BYM10-600HE3/96 (1) BYM10-600HE3/97 (1) GL41JHE3/96 (1) GL41JHE3/97 (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.114 0.114 0.114 0.114 0.114 0.114 0.114 0.114 REFERRED PACKAGE 96 97 96 97 96 97 96 97 BASE QUANTITY 1500 5000 1500 5000 1500 5000 1500 5000 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.0 10
Average Forward Rectified Current (A)
Instantaneous Forward Current (A)
GL41A thru GL41M 0.75 GL41T thru GL41Y 0.50 60 Hz Resistive or Inductive Load
GL41A thru GL41J 1
GL41K thru GL41Y
0.1
TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle
0.25
0 25 50 75 100 125 150 175
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
Terminal Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 3. Typical Instantaneous Forward Characteristics
30
10
25 20 GL41A thru GL41M
Instantaneous Reverse Current (A)
Peak Forward Surge Current (A)
Tj = Tj max. 8.3 ms Single Half Sine-Wave
1
TJ = 100 C
15 10
0.1 TJ = 25 C
5.0 0 1 10 100
0.01 0 20 40 60 80 100
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Maximum Non-Repetitive Peak Forward Surge Current
Document Number: 88546 Revision: 07-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
100
100
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Mounted on 0.20 x 0.27" (5 x 7 mm) ( Copper Pad Areas
10
10
1
1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t - Pulse Duration (s)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-213AB
Solderable Ends
Mounting Pad Layout
0.138 (3.5) MAX.
1st Band
0 D2 = D1 + 0.008 (0.20) -
D2
D1 =
0.105 (2.67) 0.095 (2.41)
0.118 (3.0) MIN.
0.022 (0.56) 0.018 (0.46) 0.205 (5.2) 0.185 (4.7)
0.022 (0.56) 0.018 (0.46)
0.049 (1.25) MIN. 0.238 (6.0) REF.
1st band denotes type and positive end (cathode)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88546 Revision: 07-Apr-08
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BYM10-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X